PART |
Description |
Maker |
75Z 75Z-3G 57Z-2G 57Z-3G 75Z-2G |
Impedance Matching Pads
|
JFW Industries, Inc.
|
GF576 |
SMD CMOS output 6 pads
|
Mercury United Electron...
|
APA3010F3C-GX |
Tinned pads for improved solderability
|
Kingbright Corporation
|
GXXAA1 GXXAA3 GXXBB1 GXXAB1 GSCA3 GSCA1 G20AB1 G20 |
5mm X 7mm X 4 Pads Ceramic Package
|
MMD Components
|
XSEB1 XXXDB1 XXXCB1 XSEC1 XSAC1 X10EC1 X10AC1 XXXA |
2mm X 2.5mm 4 Pads Ceramic Package
|
MMD Components
|
VXC4-1034R-25M000 |
7 x 5 x 1.1 mm 4 pads 50 PPM at -20C to 70C 30 Ohms Maximum at 100 uW
|
Vitesse Semiconductor Corporation.
|
ATN3580-12 ATN3580-05 ATN3580-04 |
Fixed Attenuator Pads 100 MHz - 40000 MHz RF/MICROWAVE FIXED ATTENUATOR 14-Bit 4-Quadrant Multiplying (Current Output) DAC with Byte-wide Parallel Interface; Package: PLCC; No of Pins: 28; Temperature Range: Commercial 100 MHz - 40000 MHz RF/MICROWAVE FIXED ATTENUATOR
|
Skyworks Solutions, Inc.
|
PMEG2005AELD PMEG2005AELD-15 |
20 V, 0.5 A low VF MEGA Schottky barrier rectifier Solderable side pads 20 V, 0.5 A low VF MEGA Schottky barrier rectifier
|
NXP Semiconductors
|
QESM012 QESM012120FT1010FREQ4 QESM012320FT1030FREQ |
SMD 7.0x5.0 Crystal - Ceramic SMD 2 pads packaged QUARTZ CRYSTAL RESONATOR, 20 MHz - 35 MHz QUARTZ CRYSTAL RESONATOR, 35 MHz - 39.999 MHz QUARTZ CRYSTAL RESONATOR, 14 MHz - 19.999 MHz QUARTZ CRYSTAL RESONATOR, 10 MHz - 13.999 MHz QUARTZ CRYSTAL RESONATOR, 40 MHz - 100 MHz QUARTZ CRYSTAL RESONATOR, 6 MHz - 9.999 MHz
|
TEMEX COMPONENTS
|